PART |
Description |
Maker |
R1LP0408C R1LP0408CSB-5SI R1LP0408CSB-7LI R1LP0408 |
Wide Temperature Range Version 4 M SRAM (512-kword ??8-bit) R1LP0408C-I Series Datasheet 78K/AUG.01.03 Standard Thick Film Chip Resistor: 10 ohms through 10 megohms, 5 %, 200 ppm, .100 W Wide Temperature Range Version 4 M SRAM (512-kword 8-bit) Wide Temperature Range Version 4 M SRAM (512-kword × 8-bit) Wide Temperature Range Version 4 M SRAM (512-kword 8-bit) Wide Temperature Range Version 4 M SRAM (512-kword 】 8-bit) Memory>Low Power SRAM
|
Hitachi,Ltd. HITACHI[Hitachi Semiconductor] Renesas
|
VF59415046.72M VF594SL15046.72M VF594L15046.72M VF |
Wide Frequency Range, Very Low Phase Jitter, Wide Pullability, Standard Footprint, Wide Operating Temperature, EMI Shielded 频率范围宽,非常低相位抖动,宽Pullability,标准足迹,宽工作温度,电磁屏蔽
|
ECM Electronics List of Unclassifed Manufacturers Electronic Theatre Controls, Inc.
|
HM62V16100LBPI-4 HM62V16100LBPI-4SL HM62V16100LBPI |
Wide Temperature Range Version 宽温版本 Wide Temperature Range Version 16 M SRAM (1-Mword × 16-bit) Wide Temperature Range Version 16 M SRAM (1-Mword 隆驴 16-bit)
|
Hitachi,Ltd. Renesas Electronics Corporation
|
T3441N |
Full blocking 50/60Hz over a wide range temperature range
|
Infineon Technologies A...
|
HM62V8100LBPI-5SL HM62V8100LTTI-5SL HM62V8100I |
Wide Temperature Range Version 8 M SRAM (1024-kword 8-bit) 宽温版本八米的SRAM1024 - KWord的?8位) Wide Temperature Range Version 8 M SRAM (1024-kword ′ 8-bit)
|
Renesas Electronics, Corp. Renesas Electronics Corporation.
|
EDD10163BBH-5BLS-F EDD10163BBH-6ELS-F EDD10163BBH- |
64M X 16 DDR DRAM, 5 ns, PBGA60 1G bits DDR Mobile RAM WTR (Wide Temperature Range), Low Power Function 1G bits DDR Mobile RAM垄芒 WTR (Wide Temperature Range), Low Power Function
|
ELPIDA MEMORY INC
|
R1RW0408DGE-2PI R1RW0408DI |
Memory>Fast SRAM>Asynchronous SRAM Wide Temperature Range Version 4M High Speed SRAM (512-kword 】 8-bit) Wide Temperature Range Version 4M High Speed SRAM (512-kword 隆驴 8-bit) Wide Temperature Range Version 4M High Speed SRAM (512-kword × 8-bit)
|
Renesas Electronics Corporation
|
R1LV1616H-I R1LV1616HSA-4LI R1LV1616HSA-5SI |
Wide Temperature Range Version 16 M SRAM (1-Mword 16-bit / 2-Mword 8-bit) 宽温版本16米的SRAM - Mword6 2 - Mword位) Wide Temperature Range Version 16 M SRAM (1-Mword 16-bit / 2-Mword 8-bit) 宽温版本16米的SRAM1 - Mword16 2 - Mword位)
|
Renesas Electronics Corporation. Renesas Electronics, Corp.
|
EDS2532EGBH-6DTT-F EDS2532EGBH-TT EDS2532EGBH-7BTT |
256M bits SDRAM WTR (Wide Temperature Range)
|
Elpida Memory
|
OCO-M36AH OCO-M36AH12 OCO-M36AH5 |
Through hole OCXO HCMOS Wide operating temperature range: -40 up to 85 °C
|
QUARTZCOM the communications company
|
D2700U |
Full blocking capability 50/60Hz over a wide temperature range
|
Infineon Technologies A...
|
D1301SH |
Full blocking capability 50/60Hz over a wide temperature range
|
Infineon Technologies A...
|